spec no. ss-020 p: 1/5 data oct 30, 2003 version first specification product name :rodan spark gap type :RSG-801-BJL okaya electric america, inc.
spec no. ss-020 p: 2/5 data oct 30, 2003 version first 1. scope this specification covers rodan spark gap RSG-801-BJL. 2. type designation rsg - 801 - b j l type of wire l : with wire length:6.05 mm type of taping a:with taping b:without taping (bulk) dc breakdown voltage (v) 801:80 x10 1 = 800 (v) the 1 st figures shows valid figures of voltage value, the 3 rd shows multiplier. series name 3. appearance structure 3-1 dimension refer to drawing 4r-4198-y79 3-2 display and contents marking must not be disappeared easily, and it has to be identified. 3-3 materials ceramic, electrode, lead wire etc 3-4 plating treatment tinning 3-5 filler gas ar, mixed gas (this product doesn?t use radioisotope.) okaya electric america, inc. fig.1 example of marking month 1 2 3 4 5 6 7 8 9 10 11 12 sign a b d e f g h j k l m n brand last figure of year e.g.) year 2003
0 v =1000 v c =0.022 m f osc l =0.5 mh r=300 k w spec no. ss-020 p: 3/5 data oct 30, 2003 version first 4. electrical characteristics no. item mark test condition standard values switching times 1 s max ambient temperature room temperature 1 dc breakdown voltage ez test circuit 800 v 15 % 2 insulation resistance ir dc100 v 1000 m : min 3 electrostatic capacitance c 1.0 khz 2.0 pf max switching frequency 30hz switching times 2.5 s on / 57.5 s off ambient temperature room temperature 4 life test - test circuit *r is adjusted minimum number of switching is 2x10 5 times, according to the above condition. initial breakdown voltage 1000 v max following breakdown voltage 800 v 15 % insulation resistance 100 m : min (dc100 v) *1 the above-mentioned electric characteristics are regulations of during darkness. *2 this product may discharge less than 680 v that is lower limit of specification. this case is known as early ignition. early ignition incidence is specified as maximum of 3 % by above test condition of section1 and section4 . okaya electric america, inc. 0 osc r c=75nf v =1100 v l =0.7 m h
spec no. ss-020 p: 4/5 data oct 30, 2003 version first 5. switching frequency maximum switching frequency : 200 hz 6. operating condition operating temperature: -40c to +100c 7. storage condition storage temperature: -40c to +100c 8. about forming as regards forming of spark gap, please take distance more than 2mm from main body when you bend lead wire. when performing a forming, please hold only lead wi re and be careful not to give a stress on main body. okaya electric america, inc. 2mmmin
spec no. ss-020 p: 5/5 data oct 30, 2003 version first 9. packing put 50 pcs. of rsg series and 1pc. of product label in a vinyl bag of specified size, seal the bag with a heatseal, put bags of quantity required a box, pack and stick product label on the box. labe l labe l pack ing h eat seel product label okaya e l ec tric indu s tr i e s co . , l td pc s ty p e lo t no . o/ no. qt' y na m e tape okaya el ectr ic indu s tr i e s co . , ltd made in ja pan pcs . orderno. lo t no . quantity type de s igna t ion rodan s park ga p product labe l
2:1 rev . da ta h is to ry o f rev . da te sca le 4 ou t l ine d i men s ion p roduc t na me type na me drawing no. okaya electric america, inc. ve r . rodan spa rk gap f 8 +/- 0.25 1.0 f 6 .05+/- 0.2 4r- 4198-y79 weight: approx.2 g 25 m i n 25 m i n 2003 .5 .27 ( f8 .0 x 6 .05 l )
|